Part Number Hot Search : 
331M1 A6303 MC144111 FR2504 243R3 CAT102 BH3515FV ST2N6520
Product Description
Full Text Search
 

To Download AQ1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100v (terminal dimensions) (pc board hole dimensions) l 1 a 2 q 3 2 4 d 5 6 6 8 7 1 8 m 9 e 10 l 11 a 12 4 13 0 14 15 16 configuration case dia. code case length code bottom plate rated capacitance (680f) rated voltage (200v) series name type f d 22 25 30 35 code z a b c zb code less with bottom plate without bottom plate capacitance tolerance (20%) 10 0.1 2-2 f 4.0 0.5 2.5 1.5 0.8 +0.2 -0.1 +0.2 -0.1 0.8 +0.2 -0.1 polarity bar 10 l 2 f d +1max. 4.00.5 pressure relief vent bottom plate (code zb only) 0.1 sleeve ( p.e.t. ) please contact to us if other configurations are required. drawing type numbering system (example : 200v 680 f) aluminum electrolytic capacitors aq (692 type) series snap-in terminal type, permissible abnormal voltage, smaller-sized, wide temperature range withstanding 2000 hours application of rated ripple current of 105 c . extended voltage range at 200v, 220v and 400v. smaller case sizes and higher ripple current than ak series. improved safety features for abnormally excessive voltage. ideally suited for the equipment used at voltage fluctuating area. adapted to the rohs directive (2002/95/ec). specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low temperature endurance shelf life safety performance marking performance characteristics item 25 ~ +105 c 200 220 400v 33 ~ 1500f 20% at 120hz, 20 c 0.20max. 120hz, 20 c printed with white color letter on black sleeve after an application of dc voltage (in the range of rated dc voltage even after over-lapping the specified ripple current) for 2000 hours at 105 c, capacitors meet the characteristic requirements listed at right. after storing the capacitors under no load at 105 c for 1000 hours, and after performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they will meet the requirements listed at right. the pressure relief vent will operate in normal conditions, with no dangerous conditions such as flames, ignitions or dispersion of pieces of the capacit or and / or case. rating voltage (v) 200 rated capacitance (f) 330 c < 330 330 c < 470 470 c < 470 limited dc current test voltage 4 a 5 a 7 a 300vdc and 375vdc test conditions aq ak smaller i ( a) (after 5 minutes' application of rated voltage) [ c : rated capacitance ( f ) v : voltage ( v ) ] rated voltage(v) impedance ratio ( max ) z 25 c/z+20 c 200 220 8 400 8 measurement frequency : 120hz 220 330 c < 330 330 c < 470 470 c < 470 4 a 5 a 7 a 320vdc and 405vdc 400 330 c < 100 100 c < 220 220 c < 470 2 a 4 a 7 a 500vdc and 600vdc capacitance change leakage current tan within 20% of initial value initial specified value or less 200% or less of initial specified value capacitance change leakage current tan within 15% of initial value initial specified value or less 150% or less of initial specified value minimum order quantity : 50pcs. 3 cv dimension table in next page.
cat.8100v aq series aluminum electrolytic capacitors dimensions rated ripple (arms) at 105 c 120hz 00 33 00 39 00 47 00 56 00 68 00 82 0 100 0 120 0 150 0 180 0 220 0 270 0 330 0 390 0 470 0 560 0 680 0 820 1000 1200 1500 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 22 25 0.70 22 25 0.90 22 25 1.00 22 30 1.20 22 35 1.35 22 40 1.45 22 45 1.60 22 50 1.75 22 25 20 0.70 25 25 1.20 25 30 1.35 25 30 1.45 25 35 1.60 25 40 1.75 25 50 2.11 25 30 25 1.45 30 30 1.60 30 30 1.75 30 35 2.11 30 45 2.40 30 50 2.65 30 35 25 1.75 35 30 2.11 35 35 2.40 35 40 2.65 35 45 3.08 35 22 25 30 35 200v (2d) 220v (2p) d 22 25 20 0.65 25 25 0.70 25 25 0.90 25 30 1.00 25 30 1.20 25 35 1.35 25 40 1.45 25 45 1.60 22 20 0.50 22 25 0.60 22 25 0.65 22 25 0.70 22 30 0.90 22 35 1.00 22 40 1.20 22 45 1.35 25 30 20 0.90 30 25 1.00 30 25 1.20 30 30 1.35 30 30 1.45 30 35 1.60 30 40 1.75 30 45 2.11 30 35 20 1.00 35 25 1.20 35 25 1.35 35 25 1.45 35 30 1.60 35 35 1.75 35 40 2.11 35 45 2.40 35 400v (2g) 22 25 0.25 22 25 0.30 22 25 0.35 22 25 0.45 22 25 0.51 22 30 0.58 22 30 0.66 22 35 0.76 22 40 0.85 25 25 0.58 25 25 0.66 25 30 0.76 25 35 0.85 25 40 0.95 25 45 1.24 30 25 0.76 30 25 0.85 30 30 0.95 30 35 1.24 30 40 1.30 30 45 1.47 35 25 0.95 35 30 1.24 35 35 1.30 35 35 1.47 35 40 1.59 35 45 1.87 v(code) code cap.(f) frequency coefficient of rated ripple current frequency (hz) 200 220v 400v coefficient 50 0.85 0.88 60 0.88 0.90 120 1.00 1.00 1k 1.15 1.10 10k~ 1.20 1.15 case size d l (mm) rated ripple


▲Up To Search▲   

 
Price & Availability of AQ1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X